전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ACT373M 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 74ACT373M
상세설명  OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS (NON INVERTED)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT373M 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button 74ACT373M Datasheet HTML 3Page - STMicroelectronics 74ACT373M Datasheet HTML 4Page - STMicroelectronics 74ACT373M Datasheet HTML 5Page - STMicroelectronics 74ACT373M Datasheet HTML 6Page - STMicroelectronics 74ACT373M Datasheet HTML 7Page - STMicroelectronics 74ACT373M Datasheet HTML 8Page - STMicroelectronics 74ACT373M Datasheet HTML 9Page - STMicroelectronics 74ACT373M Datasheet HTML 10Page - STMicroelectronics 74ACT373M Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
74ACT373
9/11
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A2.65
0.104
a1
0.10
0.20
0.004
0.007
a2
2.45
0.096
b
0.35
0.49
0.013
0.019
b1
0.23
0.32
0.009
0.012
C0.50
0.020
c1
45 (typ.)
D
12.60
13.00
0.496
0.512
E
10.00
10.65
0.393
0.419
e1.27
0.050
e3
11.43
0.450
F
7.40
7.60
0.291
0.299
L
0.50
1.27
0.19
0.050
M0.75
0.029
S
8 (max.)
P013L
SO-20 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11