전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC48F4400P0PB0 데이터시트(PDF) 72 Page - Numonyx B.V

부품명 PC48F4400P0PB0
상세설명  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NUMONYX [Numonyx B.V]
홈페이지  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400P0PB0 데이터시트(HTML) 72 Page - Numonyx B.V

Back Button PC48F4400P0PB0 Datasheet HTML 68Page - Numonyx B.V PC48F4400P0PB0 Datasheet HTML 69Page - Numonyx B.V PC48F4400P0PB0 Datasheet HTML 70Page - Numonyx B.V PC48F4400P0PB0 Datasheet HTML 71Page - Numonyx B.V PC48F4400P0PB0 Datasheet HTML 72Page - Numonyx B.V PC48F4400P0PB0 Datasheet HTML 73Page - Numonyx B.V PC48F4400P0PB0 Datasheet HTML 74Page - Numonyx B.V PC48F4400P0PB0 Datasheet HTML 75Page - Numonyx B.V PC48F4400P0PB0 Datasheet HTML 76Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 102 page
background image
Numonyx™ Wireless Flash Memory (W18)
Datasheet
November 2007
72
Order Number: 290701-18
Numonyx™ Wireless Flash Memory (W18)
13.1.1
Lock
All blocks default to locked (state [x01]) after initial power-up or reset. Locked blocks
are fully protected from alteration. Attempted program or erase operations to a locked
block will return an error in SR[1]. Unlocked blocks can be locked by using the Lock
Block command sequence. Similarly, a locked block’s status can be changed to
unlocked or lock-down using the appropriate software commands.
13.1.2
Unlock
Unlocked blocks (states [x00] and [110]) can be programmed or erased. All unlocked
blocks return to the locked state when the device is reset or powered-down. An
unlocked block’s status can be changed to the locked or locked-down state using the
appropriate software commands. A locked block can be unlocked by writing the Unlock
Block command sequence if the block is not locked-down.
13.1.3
Lock-Down
Locked-down blocks (state [011]) offer the user an additional level of write protection
beyond that of a regular locked block. A block that is locked-down cannot have it’s
state changed by software if WP# is asserted. A locked or unlocked block can be
locked-down by writing the Lock-Down Block command sequence. If a block was set to
locked-down, then later changed to unlocked, a Lock-Down command should be issued
prior asserting WP# will put that block back to the locked-down state. When WP# is
deasserted, locked-down blocks are changed to the locked state and can then be
unlocked by the Unlock Block command.
Figure 31: Block Locking State Diagram
[X00]
[X01]
Power-Up/Reset
Unlocked
Locked
[011]
[111]
[110]
Locked-
Down4,5
Software
Locked
[011]
Hardware
Locked5
Unlocked
WP# Hardware Control
Notes:
1. [a,b,c] represents [WP#, D1, D0]. X = Don’t Care.
2. D1 indicates block Lock-down status. D1 = ‘0’, Lock-down has not been issued to
this block. D1 = ‘1’, Lock-down has been issued to this block.
3. D0 indicates block lock status. D0 = ‘0’, block is unlocked. D0 = ‘1’, block is locked.
4. Locked-down = Hardware + Software locked.
5. [011] states should be tracked by system software to determine difference between
Hardware Locked and Locked-Down states.
Software Block Lock (0x60/0x01) or Software Block Unlock (0x60/0xD0)
Software Block Lock-Down (0x60/0x2F)
WP# hardware control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com