전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STLED316S 데이터시트(PDF) 24 Page - STMicroelectronics

부품명 STLED316S
상세설명  Serial-interfaced 6-digit LED controller with keyscan
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED316S 데이터시트(HTML) 24 Page - STMicroelectronics

Back Button STLED316S Datasheet HTML 20Page - STMicroelectronics STLED316S Datasheet HTML 21Page - STMicroelectronics STLED316S Datasheet HTML 22Page - STMicroelectronics STLED316S Datasheet HTML 23Page - STMicroelectronics STLED316S Datasheet HTML 24Page - STMicroelectronics STLED316S Datasheet HTML 25Page - STMicroelectronics STLED316S Datasheet HTML 26Page - STMicroelectronics STLED316S Datasheet HTML 27Page - STMicroelectronics STLED316S Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
Commands
STLED316S
24/33
The display RAM stores the data transmitted from an external device to the STLED316S
through the serial interface; addresses are as follows, in 8-bits unit:
“0” in memory means GND on output; “1” in memory means VCC on output.
Seg1
Seg4
Seg8
00 HL
00 HU
DIG2
01 HL
01 HU
DIG3
02 HL
02 HU
DIG4
03 HL
03 HU
DIG5
04 HL
04 HU
DIG6
05 HL
05 HU
DIG7
b0
b3
b4
b7
XX HL
XX HU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33