전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STMEC001QTR 데이터시트(PDF) 17 Page - STMicroelectronics

부품명 STMEC001QTR
상세설명  Power interface switch for ExpressCardTM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMEC001QTR 데이터시트(HTML) 17 Page - STMicroelectronics

Back Button STMEC001QTR Datasheet HTML 11Page - STMicroelectronics STMEC001QTR Datasheet HTML 12Page - STMicroelectronics STMEC001QTR Datasheet HTML 13Page - STMicroelectronics STMEC001QTR Datasheet HTML 14Page - STMicroelectronics STMEC001QTR Datasheet HTML 15Page - STMicroelectronics STMEC001QTR Datasheet HTML 16Page - STMicroelectronics STMEC001QTR Datasheet HTML 17Page - STMicroelectronics STMEC001QTR Datasheet HTML 18Page - STMicroelectronics STMEC001QTR Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
STMEC001
Package mechanical data
17/19
Figure 5.
TSSOP20 package outline
1.
Drawing not to scale.
Table 14.
TSSOP20 mechanical data
Symbol
millimeters
inches
Min
Typ
Max
Min
Typ
Max
A
1.2
0.047
A1
0.05
0.15
0.002
0.004
0.006
A2
0.8
1
1.05
0.031
0.039
0.041
b
0.19
0.30
0.007
0.012
c
0.09
0.20
0.004
0.0079
D
6.4
6.5
6.6
0.252
0.256
0.260
E
6.2
6.4
6.6
0.244
0.252
0.260
E1
4.3
4.4
4.48
0.169
0.173
0.176
e
0.65 BSC
0.0256 BSC
K0
°
8
°
0
°
8
°
L
0.45
0.60
0.75
0.018
0.024
0.030
c
E
b
A2
A
E1
D
1
PIN 1 IDENTIFICATION
A1
L
K
e
0087225C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19