| 전자부품 데이터시트 검색엔진 |
|
STMPE2403TBR 데이터시트(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE2403TBR 데이터시트(HTML) 44 Page - STMicroelectronics |
|
44 / 63 page ![]() PWM controller STMPE2403 44/63 Instruction Description LOAD Load the PWM counter with a value between 0x0 and 0xFF. PWM value: (0-255) Loads an absolute value between 0-255 into PWM count Go to Start (GTS) Branch to the address 0x0 and execute from 0x0 and onwards. BRANCH This instruction loads the Step Number into the instruction counter Loop Count: (0-63) Number of loops to repeat. 0 means infinite loop Addr: (0 or 1) 0 – Absolute addressing 1 – Relative addressing Step Size: (0-63) The step number to be loaded to instruction counter END End the instruction execution by resetting and interrupting to the host. Trigger (TRIG) Capable of waiting as well as sending triggers to another PWM channel. Can be configured to send/receive external trigger Wait For Trigger Bit 7: Channel 0 Bit 8: Channel 1 Bit 9: Channel 2 Bit 12: External Trigger Input Send Trigger Bit 1: Channel 0 Bit 2: Channel 1 Bit 3: Channel 2 Bit 6: External Trigger Output Table 43. Identification of Instructions Instruction Bit 15 Bit 14 Bit 13 Ramp 0 - - LOAD 0 1 - GoToStart 0 0 - Branch 101 End 110 Trigger 111 Reserved 100 Table 42. PWM commands (continued) |