전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STP16CP596MTR 데이터시트(PDF) 23 Page - STMicroelectronics

부품명 STP16CP596MTR
상세설명  Low voltage 16-Bit, constant current LED sink driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CP596MTR 데이터시트(HTML) 23 Page - STMicroelectronics

Back Button STP16CP596MTR Datasheet HTML 18Page - STMicroelectronics STP16CP596MTR Datasheet HTML 19Page - STMicroelectronics STP16CP596MTR Datasheet HTML 20Page - STMicroelectronics STP16CP596MTR Datasheet HTML 21Page - STMicroelectronics STP16CP596MTR Datasheet HTML 22Page - STMicroelectronics STP16CP596MTR Datasheet HTML 23Page - STMicroelectronics STP16CP596MTR Datasheet HTML 24Page - STMicroelectronics STP16CP596MTR Datasheet HTML 25Page - STMicroelectronics STP16CP596MTR Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
STP16CP596
9 Package mechanical data
23/26
Table 13.
Tape & Reel SO-24
Ref
mm
inch
Min
Typ
Max
Min
Typ
Max
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
30.4
1.197
Ao
10.8
11.0
0.425
0.433
Bo
15.7
15.9
0.618
0.626
Ko
2.9
3.1
0.114
0.122
Po
3.9
4.1
0.153
0.161
P
11.9
12.1
0.468
0.476
Figure 22. Reel dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26