전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST4G3235 데이터시트(PDF) 16 Page - STMicroelectronics

부품명 ST4G3235
상세설명  4-bit dual supply bus buffer level translator with a side series resistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4G3235 데이터시트(HTML) 16 Page - STMicroelectronics

Back Button ST4G3235_07 Datasheet HTML 12Page - STMicroelectronics ST4G3235_07 Datasheet HTML 13Page - STMicroelectronics ST4G3235_07 Datasheet HTML 14Page - STMicroelectronics ST4G3235_07 Datasheet HTML 15Page - STMicroelectronics ST4G3235_07 Datasheet HTML 16Page - STMicroelectronics ST4G3235_07 Datasheet HTML 17Page - STMicroelectronics ST4G3235_07 Datasheet HTML 18Page - STMicroelectronics ST4G3235_07 Datasheet HTML 19Page - STMicroelectronics ST4G3235_07 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Package mechanical data
ST4G3235
16/21
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21