전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STDVE001A 데이터시트(PDF) 18 Page - STMicroelectronics

부품명 STDVE001A
상세설명  Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDVE001A 데이터시트(HTML) 18 Page - STMicroelectronics

Back Button STDVE001A Datasheet HTML 14Page - STMicroelectronics STDVE001A Datasheet HTML 15Page - STMicroelectronics STDVE001A Datasheet HTML 16Page - STMicroelectronics STDVE001A Datasheet HTML 17Page - STMicroelectronics STDVE001A Datasheet HTML 18Page - STMicroelectronics STDVE001A Datasheet HTML 19Page - STMicroelectronics STDVE001A Datasheet HTML 20Page - STMicroelectronics STDVE001A Datasheet HTML 21Page - STMicroelectronics STDVE001A Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
Functional description
STDVE001A
18/49
3.7
Bias
The bandgap reference voltage over the external REXT reference resistor sets the internal
bias reference current. This current and its factors (achieved by employing highly accurate
and well matched current mirror circuit topologies) are generated on-chip and used by
several internal modules. The 10 mA current used by the transmitter block is also generated
using this reference current. It is important to ensure that the REXT value is within the ±1%
tolerance range of its typical value.
The output voltage swing depends on 3 components: supply voltage (Vsupply), termination
resistor (RT) and current drive (Idrive). The supply voltage can vary from 3.3 V ±5%,
termination resistor can vary from 50
Ω ±10%.
The voltage on the output is given by:
Vsupply −Idrive x RT.
The variation on Idrive must be controlled to ensure that the voltage on HDMI output is within
the HDMI specification under all conditions.
This is achieved when:
400 mV
≤Idrive x RT ≤600 mV with typical value centered at 500 mV.
3.8
Timing between HPD and DDC
It is important to ensure that the I2C DDC interface is ready by the time the HPD detection is
complete.
As soon as the discovery is finished by the HPD detection, the configuration data is
exchanged between a source and sink through the I2C DDC interface. The STDVE003 Afs
DDC interface is ready for communication as soon as the power supply to the chip is
present and stable. When the desired port is enabled and the chip is out of shutdown mode,
the I2C DDC lines can be used for communication.
Thus, as soon as the HPD detection sequence is complete, the DDC interface can be
readily used. There is no delay between the HPD detection and I2C DDC interface to be
ready.
Table 5.
Bias parameter
Parameter
Min
Typ
Max
Unit
Bandgap voltage
1.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com