전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM7E1A 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 STM7E1A
상세설명  7 E 1 CHANNELS SWITCH ARRAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM7E1A 데이터시트(HTML) 2 Page - STMicroelectronics

  STM7E1A Datasheet HTML 1Page - STMicroelectronics STM7E1A Datasheet HTML 2Page - STMicroelectronics STM7E1A Datasheet HTML 3Page - STMicroelectronics STM7E1A Datasheet HTML 4Page - STMicroelectronics STM7E1A Datasheet HTML 5Page - STMicroelectronics STM7E1A Datasheet HTML 6Page - STMicroelectronics STM7E1A Datasheet HTML 7Page - STMicroelectronics STM7E1A Datasheet HTML 8Page - STMicroelectronics STM7E1A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
STM7E1A
2/10
PIN CONFIGURATION
PIN DESCRIPTION
PlN N°
SYMBOL
TYPE
NAME AND FUNCTION
1, 17, 33, 47
VNEG(1)
P
Negative Power Supply
2
Txm#2
IOA
Channel 2: TX main port
3
Tx#2
IOA
Channel 2: TX line
4
Txs#2
IOA
Channel 2: TX spare port
5, 12, 21, 25, 29,
38, 52, 56, 60
GND
G
Voltage Reference for digital inputs
6
Rxm#3
IOA
Channel 3: RX main port
7
Rx#3
IOA
Channel 3: RX line
8
Rxs#3
IOA
Channel 3: RX spare port
9
Txm#3
IOA
Channel 3: TX main port
10
Tx#3
IOA
Channel 3: TX line
11
Txs#3
IOA
Channel 3: TX spare port
13
Rxm#4
IOA
Channel 4: RX main port
14
Rx#4
IOA
Channel 4: RX line
15
Rxs#4
IOA
Channel 4: RX spare port
16, 34, 48, 64
VPOS(2)
P
Positive Power Supply
18
Txm#4
IOA
Channel 4: TX main port
19
Tx#4
IOA
Channel 4: TX line
20
Txs#4
IOA
Channel 4: TX spare port
22
Rxm#5
IOA
Channel 5: RX main port
23
Rx#5
IOA
Channel 5: RX line
24
Rxs#5
IOA
Channel 5: RX spare port
26
Txm#5
IOA
Channel 5: TX main port
27
Tx#5
IOA
Channel 5: TX line
28
Txs#5
IOA
Channel 5: TX spare port
30
Rxm#6
IOA
Channel 6: RX main port



Html Pages

1 2 3 4 5 6 7 8 9 10