전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ZFAMDK10A2 데이터시트(PDF) 2 Page - SunLED Corporation

부품명 ZFAMDK10A2
상세설명  SURFACE MOUNT DISPLAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNLED [SunLED Corporation]
홈페이지  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZFAMDK10A2 데이터시트(HTML) 2 Page - SunLED Corporation

  ZFAMDK10A2 Datasheet HTML 1Page - SunLED Corporation ZFAMDK10A2 Datasheet HTML 2Page - SunLED Corporation ZFAMDK10A2 Datasheet HTML 3Page - SunLED Corporation ZFAMDK10A2 Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.SunLED.com
Published Date : MAR 11,2008
Drawing No : SDSA5419
V2
Checked : Shin Chi
P.2/4
SURFACE MOUNT DISPLAY
Part Number:
ZFAMDK10A2
MDK
Remarks:
If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous intensity / luminous flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.



Html Pages

1 2 3 4