| 전자부품 데이터시트 검색엔진 |
|
STM1810 데이터시트(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM1810 데이터시트(HTML) 7 Page - STMicroelectronics |
|
7 / 25 page ![]() STM1810/1811/1812/1813/1815/1816/1817/1818 Description 7/25 1.1 Functional block diagrams Figure 5. Push-pull active-low output (STM1810/1812/1815/1817) 1. RST for STM1812 and STM1817. Figure 6. Open drain, active-low output (STM1811/1816) 1. 5.5 k Ω internal pull-up resistor. Figure 7. Open drain, active-low output (bidirectional, manual reset detect, STM1813/1818) 1. 5.5 k Ω internal pull-up resistor. 1.2 Pin descriptions See Figure 2 and Table 2 for a brief overview of the signals connected to this device. 1.2.1 Active-low RST output (push-pull) Pulses low when VCC drops below VRST, and stays low as long as VCC is below the reset threshold. It remains low for trec after VCC rises above the reset threshold. 1.2.2 Active-low RST output (open drain) Pulses low when VCC drops below VRST, and stays low as long as VCC is below the reset threshold. It remains low for trec after VCC rises above the reset threshold. RST output has an internal 5.5 k Ω pull-up resistor. AI09651a COMPARE VRST VCC trec Generator RST (1) AI09672 COMPARE VRST VCC trec Generator RST 5.5 k Ω(1) AI09673 COMPARE Push-button Detect VRST VCC trec Generator RST 5.5 k Ω(1) |