전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM6904TWEDS6F 데이터시트(PDF) 13 Page - STMicroelectronics

부품명 STM6904TWEDS6F
상세설명  Quad, ultralow voltage supervisor with push-button reset
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6904TWEDS6F 데이터시트(HTML) 13 Page - STMicroelectronics

Back Button STM6904TWEDS6F Datasheet HTML 9Page - STMicroelectronics STM6904TWEDS6F Datasheet HTML 10Page - STMicroelectronics STM6904TWEDS6F Datasheet HTML 11Page - STMicroelectronics STM6904TWEDS6F Datasheet HTML 12Page - STMicroelectronics STM6904TWEDS6F Datasheet HTML 13Page - STMicroelectronics STM6904TWEDS6F Datasheet HTML 14Page - STMicroelectronics STM6904TWEDS6F Datasheet HTML 15Page - STMicroelectronics STM6904TWEDS6F Datasheet HTML 16Page - STMicroelectronics STM6904TWEDS6F Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
STM6904
DC and AC parameters
13/21
6
DC and AC parameters
This section summarizes the operating measurement conditions and the DC and AC
characteristics of the device. Designers should check that the operating conditions in their
circuit match the operating conditions when relying on the quoted parameters.
Table 4.
DC and AC characteristics
Sym
Alter-
native
Description
Test condition(1)
Min
Typ
Max
Unit
VCC
Operating voltage
0.8
5.5
V
ICC
VCC supply current
VCC < 5.5 V
10
14
µA
VCC = 3.3 V
9
13
I2IN
V2IN supply curent
V2IN = 3.3 V
3
5
µA
ILI
Input leakage current -
(MR)(2)
VIN = VSS
500
800
µA
Input leakage current -
(TRSEL)
VIN = VSS or VCC
-0.5
+0.5
µA
ILO
(3)
Open drain RST output
leakage current
VCC > VRST;
RST not asserted
-0.5
+0.5
µA
VOL
Output low voltage
(RST; open drain)
VCC ≥ 0.8V, ISINK = 1µA
0.3
V
VCC ≥ 1.0V, ISINK = 50µA
0.3
V
VCC ≥ 1.2V, ISINK = 100µA
0.3
V
VCC ≥ 2.7V, ISINK = 1.2mA
0.3
V
VCC ≥ 4.5V, ISINK = 3.2mA
0.4
V
VRST1
(4)
VTH1 VCC reset threshold
T (falling)
25°C
3.047
3.078
3.109
V
-40°C to 85°C
3.023
3.133
S (falling)
25°C
2.925
2.955
2.985
V
-40°C to 85°C
2.902
3.008
P (falling)
25°C
2.837
2.866
2.895
V
-40°C to 85°C
2.814
2.918



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21