전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STMPE1208S 데이터시트(PDF) 26 Page - STMicroelectronics

부품명 STMPE1208S
상세설명  Xpander Logic with 12-channel touchkey
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1208S 데이터시트(HTML) 26 Page - STMicroelectronics

Back Button STMPE1208S Datasheet HTML 22Page - STMicroelectronics STMPE1208S Datasheet HTML 23Page - STMicroelectronics STMPE1208S Datasheet HTML 24Page - STMicroelectronics STMPE1208S Datasheet HTML 25Page - STMicroelectronics STMPE1208S Datasheet HTML 26Page - STMicroelectronics STMPE1208S Datasheet HTML 27Page - STMicroelectronics STMPE1208S Datasheet HTML 28Page - STMicroelectronics STMPE1208S Datasheet HTML 29Page - STMicroelectronics STMPE1208S Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
Register map and function description
STMPE1208S
26/51
GPIO_DIR_L
GPIO direction register
Address:
0x22
Type:
R/W
Reset:
0x00
Description:
Writing '1' in this register sets the corresponding GPIO as input. Writing '0' in this
register sets the corresponding GPIO as output. Applicable for GPIOs 0-7.
GPIO_DIR_H
GPIO direction register
Address:
0x23
Type:
R/W
Reset:
0x00
Description:
Writing '1' in this register sets the corresponding GPIO as input. Writing '0' in this
register sets the corresponding GPIO as output. Applicable for GPIOs 8-11.
7654
3
2
1
0
IO-7
IO-6
IO-5
IO-4
IO-3
IO-2
IO-1
IO-0
7654
3
2
1
0
RESERVED
IO-11
IO-10
IO-9
IO-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51