전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STOD1412 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 STOD1412
상세설명  Step-up and inverting DC-DC converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD1412 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button STOD1412 Datasheet HTML 6Page - STMicroelectronics STOD1412 Datasheet HTML 7Page - STMicroelectronics STOD1412 Datasheet HTML 8Page - STMicroelectronics STOD1412 Datasheet HTML 9Page - STMicroelectronics STOD1412 Datasheet HTML 10Page - STMicroelectronics STOD1412 Datasheet HTML 11Page - STMicroelectronics STOD1412 Datasheet HTML 12Page - STMicroelectronics STOD1412 Datasheet HTML 13Page - STMicroelectronics STOD1412 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Introduction
STOD1412
10/21
5.1
Setting output voltage
The output voltage can be set using external network resistors.
The positive output voltage range is 4.3 V minimum up to a maximum of 6.0 V. It is obtained
by connecting FB1 to OUT1 through R2, and FB1 to PGND through R1 (see application
circuit). The positive output value can be calculated using the following formula:
VO1 = (R1 + R2)/R1 x VFB1
The negative output voltage range is -8.0 V minimum up to a maximum of -2.0 V. It is
obtained connecting FB2 to VREF through R3 and FB2 to PGND through R4 (see
application circuit). The value of negative output can be calculated using the following
formula:
VO2 = (R4/R3) x VREF
5.2
Under voltage lockout
The device includes an under voltage lockout circuit. When the STOD1412 is enabled (EN
pin is pulled high), the device will be OFF until the input voltage reaches the 2.55 V
threshold. The UVLO circuit has a hysteresis of 50 mV, so once the device is on, it will keep
working until VCC voltage falls below 2.50 V.
5.3
Enable
This function allows switching ON and OFF the device using a logic level signal. If the EN
pin is pulled high the device turns ON, given that the input voltage is higher than the under
voltage lockout threshold. Pulling the EN pin low turns off the device regardless of the UVLO
state. In this condition the current consumption is reduced to lower than 1 µA
5.4
Load disconnect
When the device is turned OFF, there is no path for the current to flow from the input power
supply to the load. In the device there are two switches that allow complete disconnection of
the load. This function is useful to improve battery life when the device is not in operation.
5.5
Soft start and inrush current
The device includes a soft start feature to limit inrush current when the device is turned on.
This function is added to minimize battery loading at start-up.
5.6
Current limit
The step-up and inverter converters include peak current limit circuitry. The inductor peak
current cannot exceed 900mA for the step-up stage and 1A for the inverting stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21