전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STOD1812 데이터시트(PDF) 16 Page - STMicroelectronics

부품명 STOD1812
상세설명  Power supply for PMOLED display panel
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD1812 데이터시트(HTML) 16 Page - STMicroelectronics

Back Button STOD1812 Datasheet HTML 11Page - STMicroelectronics STOD1812 Datasheet HTML 12Page - STMicroelectronics STOD1812 Datasheet HTML 13Page - STMicroelectronics STOD1812 Datasheet HTML 14Page - STMicroelectronics STOD1812 Datasheet HTML 15Page - STMicroelectronics STOD1812 Datasheet HTML 16Page - STMicroelectronics STOD1812 Datasheet HTML 17Page - STMicroelectronics STOD1812 Datasheet HTML 18Page - STMicroelectronics STOD1812 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Package mechanical data
STOD1812
16/19
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A180
7.087
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N60
2.362
T
14.4
0.567
Ao
3.3
0.130
Bo
3.3
0.130
Ko
1.1
0.043
Po
4
0.157
P
8
0.315
Tape & reel QFNxx/DFNxx (3x3) mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19