전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STTS424E02CDN3F 데이터시트(PDF) 48 Page - STMicroelectronics

부품명 STTS424E02CDN3F
상세설명  Memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS424E02CDN3F 데이터시트(HTML) 48 Page - STMicroelectronics

Back Button STTS424E02CDN3F Datasheet HTML 43Page - STMicroelectronics STTS424E02CDN3F Datasheet HTML 44Page - STMicroelectronics STTS424E02CDN3F Datasheet HTML 45Page - STMicroelectronics STTS424E02CDN3F Datasheet HTML 46Page - STMicroelectronics STTS424E02CDN3F Datasheet HTML 47Page - STMicroelectronics STTS424E02CDN3F Datasheet HTML 48Page - STMicroelectronics STTS424E02CDN3F Datasheet HTML 49Page - STMicroelectronics STTS424E02CDN3F Datasheet HTML 50Page - STMicroelectronics STTS424E02CDN3F Datasheet HTML 51Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 48 / 51 page
background image
Landing pattern
STTS424E02
48/51
13
Landing pattern
The landing pattern recommendations per the JEDEC proposal for the TDFN package (DN)
are shown in Figure 19.
The preferred implementation with wide corner pads enhances device centering during
assembly, but a narrower option is defined for modules with tight routing requirements.
Figure 19.
Landing pattern - TDFN package (DN)
e/2
e/2
e2
K
K
E2/2
E2/2
E2
D2/2
D2
D2/2
L
L
e
b
b
b2
b4
K2
K2
K2
E3
E3
e4
ai14000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51