| 전자부품 데이터시트 검색엔진 |
|
STWD100NPWY3E 데이터시트(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STWD100NPWY3E 데이터시트(HTML) 5 Page - STMicroelectronics |
|
5 / 25 page ![]() STWD100 Description 5/25 1 Description The STWD100 watchdog timer circuits are self-contained devices which prevent system failures that are caused by certain types of hardware errors (non-responding peripherals, bus contention, etc.) or software errors (bad code jump, code stuck in loop, etc.). The STWD100 watchdog timer has an input, WDI, and an output, WDO (see Figure 2). The input is used to clear the internal watchdog timer periodically within the specified timeout period, twd (see Section 3: Watchdog timing). While the system is operating correctly, it periodically toggles the watchdog input, WDI. If the system fails, the watchdog timer is not reset, a system alert is generated and the watchdog output, WDO, is asserted (see Section 3: Watchdog timing). The STWD100 circuit also has an enable pin, EN (see Figure 2), which can enable or disable the watchdog functionality. The EN pin is connected to the internal pull-down resistor. The device is enabled if the EN pin is left floating. Figure 1. SOT23-5 and SC70-5 (SOT323-5) package connections 1 VCC GND WDO EN AI12639b 2 3 5 4 WDI Table 1. SOT23-5 and SC70-5 (SOT323-5) pin description Pin number Name Description 1WDO Watchdog output 2 GND Ground 3EN Enable pin 4 WDI Watchdog Input 5VCC Supply voltage |