전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS431 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 TS431
상세설명  Low voltage adjustable shunt reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS431 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button TS431_07 Datasheet HTML 3Page - STMicroelectronics TS431_07 Datasheet HTML 4Page - STMicroelectronics TS431_07 Datasheet HTML 5Page - STMicroelectronics TS431_07 Datasheet HTML 6Page - STMicroelectronics TS431_07 Datasheet HTML 7Page - STMicroelectronics TS431_07 Datasheet HTML 8Page - STMicroelectronics TS431_07 Datasheet HTML 9Page - STMicroelectronics TS431_07 Datasheet HTML 10Page - STMicroelectronics TS431_07 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TS431
Package information
7/12
3
Package information
In order to meet environmental requirements, STMicroelectronics offers these devices in
ECOPACK® packages. These packages have a lead-free second level interconnect. The
category of second level interconnect is marked on the package and on the inner box label,
in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an STMicroelectronics
trademark. ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12