| 전자부품 데이터시트 검색엔진 |
|
TS431IZT 데이터시트(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS431IZT 데이터시트(HTML) 9 Page - STMicroelectronics |
|
9 / 12 page ![]() TS431 Package information 9/12 3.2 TO92 (tape ammo pack and tape & reel) package data Dim. Millimeters Inches Min. Typ. Max. Min. Typ. Max. AL 5.0 0.197 A 5.0 0.197 T 4.0 0.157 d 0.45 0.018 I1 2.5 0.098 P 11.7 12.7 13.7 0.461 0.500 0.539 PO 12.4 12.7 13 0.488 0.500 0.512 P2 5.95 6.35 6.75 0.234 0.250 0.266 F1/F2 2.4 2.5 2.8 0.094 0.098 0.110 Δh -1 0 1 -0.039 0 0.039 ΔP -1 0 1 -0.039 0 0.039 W 17.5 18.0 19.0 0.689 0.709 0.748 W0 5.7 6 6.3 0.224 0.236 0.248 W1 8.5 9 9.75 0.335 0.354 0.384 W2 0.5 0.020 H20 0.787 H0 15.5 16 16.5 0.610 0.630 0.650 H1 25 0.984 DO 3.8 4.0 4.2 0.150 0.157 0.165 L1 11 0.433 A1 P P T H d D0 F1 F2 P2 P0 |