전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM6905SFFDS6F 데이터시트(PDF) 15 Page - STMicroelectronics

부품명 STM6905SFFDS6F
상세설명  Quintuple, ultralow voltage supervisor with push-button reset
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6905SFFDS6F 데이터시트(HTML) 15 Page - STMicroelectronics

Back Button STM6905SFFDS6F Datasheet HTML 11Page - STMicroelectronics STM6905SFFDS6F Datasheet HTML 12Page - STMicroelectronics STM6905SFFDS6F Datasheet HTML 13Page - STMicroelectronics STM6905SFFDS6F Datasheet HTML 14Page - STMicroelectronics STM6905SFFDS6F Datasheet HTML 15Page - STMicroelectronics STM6905SFFDS6F Datasheet HTML 16Page - STMicroelectronics STM6905SFFDS6F Datasheet HTML 17Page - STMicroelectronics STM6905SFFDS6F Datasheet HTML 18Page - STMicroelectronics STM6905SFFDS6F Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
STM6905
Package mechanical data
15/19
Table 5.
TSSOP 8-lead package mechanical data
Symbol
mm
inches
Min
Typ
Max
Min
Typ
Max
A
1.100
0.043
A1
0.00
0.15
0.000
0.006
A2
0.75
0.85
0.95
0.030
0.034
0.037
b
0.22
0.40
0.009
0.016
c
0.08
0.23
0.003
0.009
ccc
0.10
0.004
D
2.80
3.00
3.20
0.110
0.118
0.126
e
0.65
0.026
E
4.65
4.90
5.15
0.183
0.193
0.203
E1
2.80
3.00
3.10
0.110
0.118
0.122
L
0.40
0.60
0.80
0.016
0.024
0.032
L1
0.95
0.037
L2
0.25
0.010
k0
°
46
°
0
°
46
°
N8
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19