전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VT5365 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 VT5365
상세설명  Single chip optical/laser mouse sensor for wireless applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5365 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button VT5365 Datasheet HTML 7Page - STMicroelectronics VT5365 Datasheet HTML 8Page - STMicroelectronics VT5365 Datasheet HTML 9Page - STMicroelectronics VT5365 Datasheet HTML 10Page - STMicroelectronics VT5365 Datasheet HTML 11Page - STMicroelectronics VT5365 Datasheet HTML 12Page - STMicroelectronics VT5365 Datasheet HTML 13Page - STMicroelectronics VT5365 Datasheet HTML 14Page - STMicroelectronics VT5365 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
VT5365
Design notes
11/26
2.7
Driving the navigation LED
The VT5365 provides an output (NAV_LED) to drive the LED that is used to illuminate the
mousing surface. This output is active HIGH but cannot be used to drive the navigation LED
directly. An external NPN bipolar transistor is recommended as shown in the reference
schematic (Figure 4 on page 8). The maximum current through the LED is controlled by a
resistor (R9 on the reference schematic).
Note:
The navigation LED is used in a non-continuous mode. The duty cycle of the LED is varied
by the exposure controller inside the VT5365 and has a maximum value of 40% (on very
dark surfaces).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26