| 전자부품 데이터시트 검색엔진 |
|
STM6321LAWY6F 데이터시트(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM6321LAWY6F 데이터시트(HTML) 23 Page - STMicroelectronics |
|
23 / 28 page ![]() STM6321/6322STM6821/6822/6823/6824/6825 Package mechanical data 23/28 6 Package mechanical data In order to meet environmental requirements, ST offers these devices in ECOPACK® packages. These packages have a Lead-free second level interconnect. The category of second Level Interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com. Figure 27. SOT23-5 – 5-lead small outline transistor package mechanical drawing 1. Drawing is not to scale. SOT23-5L |