전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM6823LAWY6F 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 STM6823LAWY6F
상세설명  5-pin supervisor with watchdog timer and push-button reset
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6823LAWY6F 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button STM6823LAWY6F Datasheet HTML 8Page - STMicroelectronics STM6823LAWY6F Datasheet HTML 9Page - STMicroelectronics STM6823LAWY6F Datasheet HTML 10Page - STMicroelectronics STM6823LAWY6F Datasheet HTML 11Page - STMicroelectronics STM6823LAWY6F Datasheet HTML 12Page - STMicroelectronics STM6823LAWY6F Datasheet HTML 13Page - STMicroelectronics STM6823LAWY6F Datasheet HTML 14Page - STMicroelectronics STM6823LAWY6F Datasheet HTML 15Page - STMicroelectronics STM6823LAWY6F Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Operation
STM6321/6322STM6821/6822/6823/6824/6825
12/28
Figure 12.
Ensuring RST valid to VCC = 0, (active-low push-pull outputs)
Figure 13.
Ensuring RST valid to VCC = 0, (active-high, push-pull outputs)
1.
This configuration does not work on open drain outputs of the STM6321/6322/6822.
2.6
Interfacing to microprocessors with bidirectional reset pins
Microprocessors with bidirectional reset pins can contend with the STM6321 / 6322 / 6821 /
6822 / 6823 / 6824 / 6825 reset output. For example, if the reset output is driven high and the
microprocessor wants to pull it low, signal contention will result. To prevent this from
occurring, connect a 4.7 k
Ω resistor between the reset output and the microprocessor’s
reset I/O as in Figure 14.
Figure 14.
Interfacing to microprocessors with bidirectional reset I/O
AI09138
STM6XXX
RST
GND
VCC
VCC
R1
AI09139
STM6XXX
RST
GND
VCC
VCC
R1
AI09135
STM6XXX
RST
GND
4.7k
VCC
Microprocessor
RST
Buffered Reset to other
System Components
GND
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28