전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74VHCT574AMTR 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 74VHCT574AMTR
상세설명  OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHCT574AMTR 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button 74VHCT574AMTR Datasheet HTML 5Page - STMicroelectronics 74VHCT574AMTR Datasheet HTML 6Page - STMicroelectronics 74VHCT574AMTR Datasheet HTML 7Page - STMicroelectronics 74VHCT574AMTR Datasheet HTML 8Page - STMicroelectronics 74VHCT574AMTR Datasheet HTML 9Page - STMicroelectronics 74VHCT574AMTR Datasheet HTML 10Page - STMicroelectronics 74VHCT574AMTR Datasheet HTML 11Page - STMicroelectronics 74VHCT574AMTR Datasheet HTML 12Page - STMicroelectronics 74VHCT574AMTR Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
74VHCT574A
10/13
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
30.4
1.197
Ao
10.8
11
0.425
0.433
Bo
13.2
13.4
0.520
0.528
Ko
3.1
3.3
0.122
0.130
Po
3.9
4.1
0.153
0.161
P
11.9
12.1
0.468
0.476
Tape & Reel SO-20 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13