전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EMIF02-AV01F3 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 EMIF02-AV01F3
상세설명  Dual audio and video line IPAD, EMI filter and ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-AV01F3 데이터시트(HTML) 5 Page - STMicroelectronics

  EMIF02-AV01F3 Datasheet HTML 1Page - STMicroelectronics EMIF02-AV01F3 Datasheet HTML 2Page - STMicroelectronics EMIF02-AV01F3 Datasheet HTML 3Page - STMicroelectronics EMIF02-AV01F3 Datasheet HTML 4Page - STMicroelectronics EMIF02-AV01F3 Datasheet HTML 5Page - STMicroelectronics EMIF02-AV01F3 Datasheet HTML 6Page - STMicroelectronics EMIF02-AV01F3 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
EMIF02-AV01F3
Ordering information
5/7
Figure 13.
Flip Chip tape and reel specification
Note:
Note: More information is available in the application note:
AN2348:"Flip Chip: Package description and recommendations for use"
AN1751: “EMI filters: Recommendations and measurements”
4
Ordering information
Figure 11.
Footprint
Figure 12.
Marking
220 µm recommended
220 µm recommended
260 µm maximum
Solder stencil opening:
Copper pad Diameter:
Solder mask opening:
300 µm minimum
x
y
x
w
z
w
Dot
xx = marking
yww = datecode
(y = year
ww = week)
z = manufacturing location
E
Dot identifying Pin A1 location
User direction of unreeling
All dimensions in mm
4 ± 0.1
1.01
4 ± 0.1
Ø 1.5 ± 0.1
0.71 ± 0.05
Table 3.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
EIMF02-AV01F3
HH
Flip Chip
1.4 mg
5000
Tape and reel 7”



Html Pages

1 2 3 4 5 6 7