전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ESDALC6V1W5 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 ESDALC6V1W5
상세설명  Quad TRANSIL array for data protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6V1W5 데이터시트(HTML) 3 Page - STMicroelectronics

  ESDALC6V1W5 Datasheet HTML 1Page - STMicroelectronics ESDALC6V1W5 Datasheet HTML 2Page - STMicroelectronics ESDALC6V1W5 Datasheet HTML 3Page - STMicroelectronics ESDALC6V1W5 Datasheet HTML 4Page - STMicroelectronics ESDALC6V1W5 Datasheet HTML 5Page - STMicroelectronics ESDALC6V1W5 Datasheet HTML 6Page - STMicroelectronics ESDALC6V1W5 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ESDALC6V1W5
1 Characteristics
3/7
Figure 1.
Peak power dissipation versus
initial junction temperature
Figure 2.
Peak pulse power versus
exponential pulse duration
(Tj initial = 25°C)
Figure 3.
Clamping voltage versus peak pulse
current (Tj initial = 25°C, rectangular
waveform, tp = 2.5 µs)
Figure 4.
Capacitance versus reverse applied
voltage (typical values)
Figure 5.
Relative variation of leakage current
versus junction temperature
(typical values)
Figure 6.
Peak forward voltage drop versus
peak forward current (typical
values)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0
25
50
75
100
125
150
175
Tj(°C)
Ppp[Tj initial] / Ppp [Tj initial = 25°C]
10
100
1
10
100
tp(µs)
Tj initial = 25°C
Ppp(W)
0.1
1.0
10.0
100.0
0
1020
3040
5060
Vcl(V)
tp=2.5µs
Tj initial =25°C
Ipp(A)
C(pF)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
F=1MHz
Vosc=30mV
RMS
Tj=25°C
VR(V)
IR [Tj] / IR [Tj=25°C]
1
10
100
25
50
75
100
125
150
Tj(°C)
1.E-03
1.E-02
1.E-01
1.E+00
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
IFM (A)
V(V)
FM



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com