| 전자부품 데이터시트 검색엔진 |
|
HCF4027M013TR 데이터시트(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCF4027M013TR 데이터시트(HTML) 4 Page - STMicroelectronics |
|
4 / 9 page ![]() HCF4027B 4/9 DC SPECIFICATIONS The Noise Margin for both "1" and "0" level is: 1V min. with VDD=5V, 2V min. with VDD=10V, 2.5V min. with VDD=15V Symbol Parameter Test Condition Value Unit VI (V) VO (V) |IO| ( µA) VDD (V) TA = 25°C -40 to 85°C -55 to 125°C Min. Typ. Max. Min. Max. Min. Max. IL Quiescent Current 0/5 5 0.02 1 30 30 µA 0/10 10 0.02 2 60 60 0/15 15 0.02 4 120 120 0/20 20 0.04 20 600 600 VOH High Level Output Voltage 0/5 <1 5 4.95 4.95 4.95 V 0/10 <1 10 9.95 9.95 9.95 0/15 <1 15 14.95 14.95 14.95 VOL Low Level Output Voltage 5/0 <1 5 0.05 0.05 0.05 V 10/0 <1 10 0.05 0.05 0.05 15/0 <1 15 0.05 0.05 0.05 VIH High Level Input Voltage 0.5/4.5 <1 5 3.5 3.5 3.5 V 1/9 <1 10 7 7 7 1.5/13.5 <1 15 11 11 11 VIL Low Level Input Voltage 4.5/0.5 <1 5 1.5 1.5 1.5 V 9/1 <1 10 3 3 3 13.5/1.5 <1 15 4 4 4 IOH Output Drive Current 0/5 2.5 <1 5 -1.36 -3.2 -1.15 -1.1 mA 0/5 4.6 <1 5 -0.44 -1 -0.36 -0.36 0/10 9.5 <1 10 -1.1 -2.6 -0.9 -0.9 0/15 13.5 <1 15 -3.0 -6.8 -2.4 -2.4 IOL Output Sink Current 0/5 0.4 <1 5 0.44 1 0.36 0.36 mA 0/10 0.5 <1 10 1.1 2.6 0.9 0.9 0/15 1.5 <1 15 3.0 6.8 2.4 2.4 II Input Leakage Current 0/18 Any Input 18 ±10-5 ±0.1 ±1 ±1 µA CI Input Capacitance Any Input 5 7.5 pF |