전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCF4030BM1 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 HCF4030BM1
상세설명  QUAD EXCLUSIVE-OR GATE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4030BM1 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button HCF4030BM1 Datasheet HTML 2Page - STMicroelectronics HCF4030BM1 Datasheet HTML 3Page - STMicroelectronics HCF4030BM1 Datasheet HTML 4Page - STMicroelectronics HCF4030BM1 Datasheet HTML 5Page - STMicroelectronics HCF4030BM1 Datasheet HTML 6Page - STMicroelectronics HCF4030BM1 Datasheet HTML 7Page - STMicroelectronics HCF4030BM1 Datasheet HTML 8Page - STMicroelectronics HCF4030BM1 Datasheet HTML 9Page - STMicroelectronics HCF4030BM1 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
HCF4030B
9/10
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.75
0.068
a1
0.1
0.2
0.003
0.007
a2
1.65
0.064
b
0.35
0.46
0.013
0.018
b1
0.19
0.25
0.007
0.010
C
0.5
0.019
c1
45˚ (typ.)
D
8.55
8.75
0.336
0.344
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
7.62
0.300
F
3.8
4.0
0.149
0.157
G
4.6
5.3
0.181
0.208
L
0.5
1.27
0.019
0.050
M
0.68
0.026
S
˚ (max.)
SO-14 MECHANICAL DATA
PO13G
8



Html Pages

1 2 3 4 5 6 7 8 9 10