전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STP12NM50FDFP 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 STP12NM50FDFP
상세설명  N-CHANNEL500V-0.32ohm-12ATO-220/FP/D2PAK/I2PAK/TO-247 FDmesh??Power MOSFET with FAST DIODE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP12NM50FDFP 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button STP12NM50FDFP Datasheet HTML 6Page - STMicroelectronics STP12NM50FDFP Datasheet HTML 7Page - STMicroelectronics STP12NM50FDFP Datasheet HTML 8Page - STMicroelectronics STP12NM50FDFP Datasheet HTML 9Page - STMicroelectronics STP12NM50FDFP Datasheet HTML 10Page - STMicroelectronics STP12NM50FDFP Datasheet HTML 11Page - STMicroelectronics STP12NM50FDFP Datasheet HTML 12Page - STMicroelectronics STP12NM50FDFP Datasheet HTML 13Page - STMicroelectronics STP12NM50FDFP Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
STP12NM50FD / STP12NM50FDFP / STB12NM50FD / STB12NM50FD-1 / STW14NM50FD
12/14
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.7
5.3
0.185
0.209
D
2.2
2.6
0.087
0.102
E
0.4
0.8
0.016
0.031
F
1
1.4
0.039
0.055
F3
2
2.4
0.079
0.094
F4
3
3.4
0.118
0.134
G
10.9
0.429
H
15.3
15.9
0.602
0.626
L
19.7
20.3
0.776
0.779
L3
14.2
14.8
0.559
0.582
L4
34.6
1.362
L5
5.5
0.217
M
2
3
0.079
0.118
P025P
TO-247 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14