전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M54HC597K1 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 M54HC597K1
상세설명  RAD-HARD 8 BIT LATCH/SHIFT REGISTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC597K1 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button M54HC597K1 Datasheet HTML 6Page - STMicroelectronics M54HC597K1 Datasheet HTML 7Page - STMicroelectronics M54HC597K1 Datasheet HTML 8Page - STMicroelectronics M54HC597K1 Datasheet HTML 9Page - STMicroelectronics M54HC597K1 Datasheet HTML 10Page - STMicroelectronics M54HC597K1 Datasheet HTML 11Page - STMicroelectronics M54HC597K1 Datasheet HTML 12Page - STMicroelectronics M54HC597K1 Datasheet HTML 13Page - STMicroelectronics M54HC597K1 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
M54HC597
12/14
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
6.75
6.91
7.06
0.266
0.272
0.278
B
9.76
9.94
10.14
0.384
0.392
0.399
C
1.49
1.95
0.059
0.077
D
0.102
0.127
0.152
0.004
0.005
0.006
E
8.76
8.89
9.01
0.345
0.350
0.355
F
1.27
0.050
G
0.38
0.43
0.48
0.015
0.017
0.019
H
6.0
0.237
L
18.75
22.0
0.738
0.867
M
0.33
0.38
0.43
0.013
0.015
0.017
N
4.31
0.170
FPC-16 MECHANICAL DATA
0016030E
1
8
16
F
G
D
H
A
B
M
C
N
H
9
E
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14