| 전자부품 데이터시트 검색엔진 |
|
L7809CV 데이터시트(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7809CV 데이터시트(HTML) 45 Page - STMicroelectronics |
|
45 / 56 page ![]() L78xx - L78xxC Package mechanical data 45/56 Figure 41. Drawing dimension TO-3 R C D A P G P003C/C Table 26. TO-3 mechanical data Dim. mm. inch. Min. Typ. Max. Min. Typ. Max. A 11.85 0.466 B 0.96 1.05 1.10 0.037 0.041 0.043 C 1.70 0.066 D 8.7 0.342 E 20.0 0.787 G 10.9 0.429 N 16.9 0.665 P 26.2 1.031 R 3.88 4.09 0.152 0.161 U 39.5 1.555 V 30.10 1.185 |