전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L7805CDT-TR 데이터시트(PDF) 39 Page - STMicroelectronics

부품명 L7805CDT-TR
상세설명  Positive voltage regulators
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7805CDT-TR 데이터시트(HTML) 39 Page - STMicroelectronics

Back Button L7805CDT-TR Datasheet HTML 35Page - STMicroelectronics L7805CDT-TR Datasheet HTML 36Page - STMicroelectronics L7805CDT-TR Datasheet HTML 37Page - STMicroelectronics L7805CDT-TR Datasheet HTML 38Page - STMicroelectronics L7805CDT-TR Datasheet HTML 39Page - STMicroelectronics L7805CDT-TR Datasheet HTML 40Page - STMicroelectronics L7805CDT-TR Datasheet HTML 41Page - STMicroelectronics L7805CDT-TR Datasheet HTML 42Page - STMicroelectronics L7805CDT-TR Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
L78xx - L78xxC
Package mechanical data
39/56
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56