전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L7808CD2T-TR 데이터시트(PDF) 53 Page - STMicroelectronics

부품명 L7808CD2T-TR
상세설명  Positive voltage regulators
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7808CD2T-TR 데이터시트(HTML) 53 Page - STMicroelectronics

Back Button L7808CD2T-TR Datasheet HTML 48Page - STMicroelectronics L7808CD2T-TR Datasheet HTML 49Page - STMicroelectronics L7808CD2T-TR Datasheet HTML 50Page - STMicroelectronics L7808CD2T-TR Datasheet HTML 51Page - STMicroelectronics L7808CD2T-TR Datasheet HTML 52Page - STMicroelectronics L7808CD2T-TR Datasheet HTML 53Page - STMicroelectronics L7808CD2T-TR Datasheet HTML 54Page - STMicroelectronics L7808CD2T-TR Datasheet HTML 55Page - STMicroelectronics L7808CD2T-TR Datasheet HTML 56Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
L78xx - L78xxC
Package mechanical data
53/56
Table 31.
Tape and reel D²PAK mechanical data
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
180
7.086
C
12.8
13.0
13.2
0.504
0.512
0.519
D
20.2
0.795
N
60
2.362
T
14.4
0.567
Ao
10.50
10.6
10.70
0.413
0.417
0.421
Bo
15.70
15.80
15.90
0.618
0.622
0.626
Ko
4.80
4.90
5.00
0.189
0.193
0.197
Po
3.9
4.0
4.1
0.153
0.157
0.161
P
11.9
12.0
12.1
0.468
0.472
0.476
Figure 47.
Drawing dimension tape and reel for D²PAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56