전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LEXXAB 데이터시트(PDF) 32 Page - STMicroelectronics

부품명 LEXXAB
상세설명  Very low drop voltage regulators with inhibit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEXXAB 데이터시트(HTML) 32 Page - STMicroelectronics

Back Button LEXXAB_08 Datasheet HTML 28Page - STMicroelectronics LEXXAB_08 Datasheet HTML 29Page - STMicroelectronics LEXXAB_08 Datasheet HTML 30Page - STMicroelectronics LEXXAB_08 Datasheet HTML 31Page - STMicroelectronics LEXXAB_08 Datasheet HTML 32Page - STMicroelectronics LEXXAB_08 Datasheet HTML 33Page - STMicroelectronics LEXXAB_08 Datasheet HTML 34Page - STMicroelectronics LEXXAB_08 Datasheet HTML 35Page - STMicroelectronics LEXXAB_08 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
Package mechanical data
LExxAB LExxC
32/39
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39