| 전자부품 데이터시트 검색엔진 |
|
LDR2533PT-R 데이터시트(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LDR2533PT-R 데이터시트(HTML) 5 Page - STMicroelectronics |
|
5 / 16 page ![]() LDR1833 - LDR2533 Maximum ratings 5/16 3 Maximum ratings Note: Absolute maximum ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied. Table 3. Absolute maximum ratings Symbol Parameter Value Unit VI1 & VI2 DC input voltage -0.3 to 15 V INH Shutdown voltage -0.3 to 15 V IO Output current Internally limited PD Power dissipation Internally limited TSTG Storage temperature range -50 to +150 °C TA Operating ambient temperature range -40 to +125 °C Table 4. Thermal data Symbol Parameter PPAK Unit RthJC Thermal resistance junction-case 8 °C/W |