전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LE50C 데이터시트(PDF) 35 Page - STMicroelectronics

부품명 LE50C
상세설명  Very low drop voltage regulators with inhibit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LE50C 데이터시트(HTML) 35 Page - STMicroelectronics

Back Button LE50C Datasheet HTML 31Page - STMicroelectronics LE50C Datasheet HTML 32Page - STMicroelectronics LE50C Datasheet HTML 33Page - STMicroelectronics LE50C Datasheet HTML 34Page - STMicroelectronics LE50C Datasheet HTML 35Page - STMicroelectronics LE50C Datasheet HTML 36Page - STMicroelectronics LE50C Datasheet HTML 37Page - STMicroelectronics LE50C Datasheet HTML 38Page - STMicroelectronics LE50C Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
LExxAB LExxC
Package mechanical data
35/39
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N60
2.362
T
22.4
0.882
Ao
8.1
8.5
0.319
0.335
Bo
5.5
5.9
0.216
0.232
Ko
2.1
2.3
0.082
0.090
Po
3.9
4.1
0.153
0.161
P7.98.1
0.311
0.319
Tape & reel SO-8 mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39