| 전자부품 데이터시트 검색엔진 |
|
LM317LD13TR 데이터시트(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LM317LD13TR 데이터시트(HTML) 9 Page - STMicroelectronics |
|
9 / 18 page ![]() LM217L/LM317L Application information 9/18 6 Application information The LM317L provides an internal reference voltage of 1.25V between the output and adjustments terminals. This is used to set a constant current flow across an external resistor divider (see Figure 4.), giving an output voltage VO of: VO = VREF (1 + R2/R1) + IADJ R2 The device was designed to minimize the term IADJ (100µA max) and to maintain it very constant with line and load changes. Usually, the error term IADJ × R2 can be neglected. To obtain the previous requirement, all the regulator quiescent current is returned to the output terminal, imposing a minimum load current condition. If the load is insufficient, the output voltage will rise. Since the LM317L is a floating regulator and "sees" only the input-to-output differential voltage, supplies of very high voltage with respect to ground can be regulated as long as the maximum input-to-output differential is not exceeded. Furthermore, programmable regulator are easily obtainable and, by connecting a fixed resistor between the adjustment and output, the device can be used as a precision current regulator. In order to optimize the load regulation, the current set resistor R1 (see Figure 4.) should be tied as close as possible to the regulator, while the ground terminal of R2 should be near the ground of the load to provide remote ground sensing. |