| 전자부품 데이터시트 검색엔진 |
|
LE40ABD-TR 데이터시트(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LE40ABD-TR 데이터시트(HTML) 16 Page - STMicroelectronics |
|
16 / 39 page ![]() Electrical characteristics LExxAB LExxC 16/39 Table 12. Electrical characteristics for LE33C (refer to the test circuits, TJ = 25 °C, CI = 0.1 µF, CO = 2.2 µF unless otherwise specified.) Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage IO = 10 mA, VI = 5.3 V 3.234 3.3 3.366 V IO = 10 mA, VI = 5.3 V, TA = -25 to 85°C 3.168 3.432 VI Operating input voltage IO = 100 mA 18 V IO Output current limit 150 mA ΔVO Line regulation VI = 4 to 18 V, IO = 0.5 mA 3 20 mV ΔVO Load regulation VI = 4.3 V, IO = 0.5 to 100 mA 3 25 mV Id Quiescent current VI = 4.3 to 18V, IO = 0mA ON MODE 0.5 1 mA VI = 4.3 to 18V, IO=100mA 1.5 3 VI = 6 V OFF MODE 50 100 µA SVR Supply voltage rejection IO = 5 mA, VI = 5.3 ± 1 V f = 120 Hz 80 dB f = 1 kHz 75 f = 10 kHz 60 eN Output noise voltage B = 10 Hz to 100 kHz 50 µV Vd Dropout voltage IO = 100 mA 0.2 0.4 V IO = 100 mA, TA = -40 to 125°C 0.5 VIL Control input logic low TA = -40 to 125°C 0.8 V VIH Control input logic high TA = -40 to 125°C 2 V II Control input current VI = 6 V, VC = 6 V 10 µA CO Output bypass capacitance ESR = 0.1 to 10 Ω, IO = 0 to 100 mA 2 10 µF |