전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L4940V85 데이터시트(PDF) 15 Page - STMicroelectronics

부품명 L4940V85
상세설명  Very low drop 1.5 A regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4940V85 데이터시트(HTML) 15 Page - STMicroelectronics

Back Button L4940V85 Datasheet HTML 11Page - STMicroelectronics L4940V85 Datasheet HTML 12Page - STMicroelectronics L4940V85 Datasheet HTML 13Page - STMicroelectronics L4940V85 Datasheet HTML 14Page - STMicroelectronics L4940V85 Datasheet HTML 15Page - STMicroelectronics L4940V85 Datasheet HTML 16Page - STMicroelectronics L4940V85 Datasheet HTML 17Page - STMicroelectronics L4940V85 Datasheet HTML 18Page - STMicroelectronics L4940V85 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
L4940xx
Schematic application
15/23
7
Schematic application
ADVANTAGES OF THESE APPLICATION ARE:
On card regulation with short-circuit and thermal protection on each output.
Vary high total system efficiency due to the switching pre-regulation and very low-drop post-regulation.
Figure 27.
Distributed supply with On-card L4940 and L4941 low drop regulator
Figure 28.
Distributed supply with On-card L4940 and L4941 low drop regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23