전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LE50CZ-TR 데이터시트(PDF) 32 Page - STMicroelectronics

부품명 LE50CZ-TR
상세설명  Very low drop voltage regulators with inhibit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LE50CZ-TR 데이터시트(HTML) 32 Page - STMicroelectronics

Back Button LE50CZ-TR Datasheet HTML 28Page - STMicroelectronics LE50CZ-TR Datasheet HTML 29Page - STMicroelectronics LE50CZ-TR Datasheet HTML 30Page - STMicroelectronics LE50CZ-TR Datasheet HTML 31Page - STMicroelectronics LE50CZ-TR Datasheet HTML 32Page - STMicroelectronics LE50CZ-TR Datasheet HTML 33Page - STMicroelectronics LE50CZ-TR Datasheet HTML 34Page - STMicroelectronics LE50CZ-TR Datasheet HTML 35Page - STMicroelectronics LE50CZ-TR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
Package mechanical data
LExxAB LExxC
32/39
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39