전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L5994A 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 L5994A
상세설명  ADJUSTABLE TRIPLE OUTPUT POWER SUPPLY CONTROLLER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5994A 데이터시트(HTML) 2 Page - STMicroelectronics

  L5994A Datasheet HTML 1Page - STMicroelectronics L5994A Datasheet HTML 2Page - STMicroelectronics L5994A Datasheet HTML 3Page - STMicroelectronics L5994A Datasheet HTML 4Page - STMicroelectronics L5994A Datasheet HTML 5Page - STMicroelectronics L5994A Datasheet HTML 6Page - STMicroelectronics L5994A Datasheet HTML 7Page - STMicroelectronics L5994A Datasheet HTML 8Page - STMicroelectronics L5994A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
L5994 - L5994A
2/26
DESCRIPTION (continued)
The device produces an adjustable regulated voltage in both sections and a linear regulated voltage with an
external bipolar such as for PCMCIA applications.
The auxiliary linear driver is able to source up to 1A for 12V bus and is also possible to use it for the regulation
of 2.5V from 5V bus.
Synchronous rectification and pulse skipping mode for the buck sections optimise the overall efficiency over a
wide load current range.
The two high performance PWM output sections are monitored for over voltage, under voltage and over current
conditions.
A POWER GOOD signal is provided for each section.
On detection of a fault, the relevant POWER GOOD signal is generated and a specific shutdown procedure
takes place to prevent physical damage and data corruption.
A disable function allows to manage the output power sections separately, optimising the quiescent consump-
tion of the IC in stand-by conditions.
The internal architecture is a current mode that allows to have fast transient response without compromise the
efficiency due to the ultra low sense resistor.
Under voltage shutdown is forced in case of short circuit in one of the two sections.
The drivers are provided of an adaptative anti cross conduction system for high output current application
ABSOLUTE MAXIMUM RATINGS
THERMAL DATA
PIN CONNECTIONS (Top views)
Symbol
Parameters
Value
Unit
Vin
Power Supply Voltage
0 to 27
V
Vi
Maximum pin voltage to pins 1,24,25,32
-0.3 to (Vin + 0.3)
V
Symbol
Parameters
Value
Unit
RTH j-amb
Thermal Resistance Junction to Ambient
60
°C/W
Tj
Operative Junction Temperature Range
-40 to 140
°C
1
2
3
5
6
4
7
8
11 12 13 14 15 16
32
30
31
29 28 27 26 25
19
18
17
24
23
22
20
21
I1SNS
V1SNS
V5SW
VIN
H1STRAP
SREG5
COMP1
SOFT1
I2SNS
COMP2
SOFT2
H2STRAP
PWROK2
VFBLIN
V2SNS
VDRLIN
D98IN863B
910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26