전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M27C322 데이터시트(PDF) 23 Page - STMicroelectronics

부품명 M27C322
상세설명  32 Mbit (2Mb x16) UV EPROM and OTP EPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C322 데이터시트(HTML) 23 Page - STMicroelectronics

Back Button M27C322_06 Datasheet HTML 16Page - STMicroelectronics M27C322_06 Datasheet HTML 17Page - STMicroelectronics M27C322_06 Datasheet HTML 18Page - STMicroelectronics M27C322_06 Datasheet HTML 19Page - STMicroelectronics M27C322_06 Datasheet HTML 20Page - STMicroelectronics M27C322_06 Datasheet HTML 21Page - STMicroelectronics M27C322_06 Datasheet HTML 22Page - STMicroelectronics M27C322_06 Datasheet HTML 23Page - STMicroelectronics M27C322_06 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
M27C322
Revision history
23/24
7
Revision history
Table 16.
Document revision history
Date
Revision
Changes
July 1999
1
First Issue
24-Feb-2000
2
Programming Time changed
Programming Flowchart changed (Figure 3)
Presto III Programming Algorithm paragraph changed
04-Apr-2000
2.1
–40 to 85 °C and –40 to 125 °C temperature ranges added (Table 7.,
Table 9. and Table 15.)
80ns speed class in High Speed AC measurement conditions
20-Sep-2000
2.2
AN620 Reference removed
29-Nov-2000
2.3
Note changed (Figure 8.)
27-Feb-2001
2.4
SDIP42 Package added (Figure 11., Table 14)
27-Nov-2003
2.5
FDIP42W package lens changed
28-Mar-2006
3
Document converted to new template (sections added, information
moved).
Packages are ECOPACK® compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24