| 전자부품 데이터시트 검색엔진 |
|
L6712A 데이터시트(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6712A 데이터시트(HTML) 27 Page - STMicroelectronics |
|
27 / 29 page ![]() 27/29 L6712A L6712 Figure 23. VFQFPN-36 Mechanical Data & Package Dimensions OUTLINE AND MECHANICAL DATA DIM. mm inch MIN. TYP. MAX. MIN. TYP. MAX. A 0.800 0.900 1.000 0.031 0.035 0.039 A1 0.020 0.050 0.0008 0.0019 A2 0.650 1.000 0.025 0.039 A3 0.250 0.01 b 0.180 0.230 0.300 0.007 0.009 0.012 D 5.875 6.000 6.125 0.231 0.236 0.241 D2 1.750 3.700 4.250 0.069 0.146 0.167 E 5.875 6.000 6.125 0.231 0.236 0.241 E2 1.750 3.700 4.250 0.069 0.146 0.167 e 0.450 0.500 0.550 0.018 0.020 0.022 L 0.350 0.550 0.750 0.014 0.022 0.029 ddd 0.080 0.003 VFQFPN-36 (6x6x1.0mm) Very Fine Quad Flat Package No lead 7185332 F |