전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6728TR 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 L6728TR
상세설명  Single phase PWM controller with Power Good
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6728TR 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button L6728TR Datasheet HTML 2Page - STMicroelectronics L6728TR Datasheet HTML 3Page - STMicroelectronics L6728TR Datasheet HTML 4Page - STMicroelectronics L6728TR Datasheet HTML 5Page - STMicroelectronics L6728TR Datasheet HTML 6Page - STMicroelectronics L6728TR Datasheet HTML 7Page - STMicroelectronics L6728TR Datasheet HTML 8Page - STMicroelectronics L6728TR Datasheet HTML 9Page - STMicroelectronics L6728TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Thermal data
L6728
6/31
3
Thermal data
Table 3.
Thermal data
9
VSEN
Regulated voltage sense pin for OVP and UVP protections and PGOOD.
Connect to the output regulated voltage, or to the output resistor divider if
the regulated voltage is higher than the reference.
10
PGOOD
Open drain output set free after SS has finished and pulled low when VSEN
is outside the relative window. Pull up to a voltage equal or lower than VCC.
If not used it can be left floating.
Table 2.
Pins description (continued)
Pin #
Name
Function
Symbol
Parameter
Value
Unit
Rth(JA)
Thermal resistance junction to ambient
(Device soldered on 2s2p, 67 mm x 69 mm board)
45
°C/W
Rth(JC)
Thermal resistance junction to case
5
°C/W
TMAX
Maximum junction temperature
150
°C
TSTG
Storage temperature range
-40 to 150
°C
TJ
Junction temperature range
-40 to 125
°C
PTOT
Maximum power dissipation at TA = 25 °C
2.25
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31