전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6910 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 L6910
상세설명  ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6910 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button L6910_05 Datasheet HTML 5Page - STMicroelectronics L6910_05 Datasheet HTML 6Page - STMicroelectronics L6910_05 Datasheet HTML 7Page - STMicroelectronics L6910_05 Datasheet HTML 8Page - STMicroelectronics L6910_05 Datasheet HTML 9Page - STMicroelectronics L6910_05 Datasheet HTML 10Page - STMicroelectronics L6910_05 Datasheet HTML 11Page - STMicroelectronics L6910_05 Datasheet HTML 12Page - STMicroelectronics L6910_05 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
9/29
L6910 - L6910A
The response time to a load transient is different for the application or the removal of the load: if during the ap-
plication of the load the inductor is charged by a voltage equal to the difference between the input and the output
voltage, during the removal it is discharged only by the output voltage. The following expressions give approx-
imate response time for
∆I load transient in case of enough fast compensation network response:
The worst condition depends on the input voltage available and the output voltage selected. Anyway the worst
case is the response time after removal of the load with the minimum output voltage programmed and the max-
imum input voltage available.
4.7 Output Capacitor
The output capacitor is a basic component for the fast response of the power supply. In fact, during load tran-
sient, for first few microseconds they supply the current to the load. The controller recognizes immediately the
load transient and sets the duty cycle at 100%, but the current slope is limited by the inductor value. The output
voltage has a first drop due to the current variation inside the capacitor (neglecting the effect of the ESL):
A minimum capacitor value is required to sustain the current during the load transient without discharge it. The
voltage drop due to the output capacitor discharge is given by the following equation:
Where DMAX is the maximum duty cycle value that is 100%. The lower is the ESR, the lower is the output drop
during load transient and the lower is the output voltage static ripple.
4.8 Input Capacitor
The input capacitor has to sustain the ripple current produced during the on time of the upper MOS, so it must
have a low ESR to minimize the losses. The rms value of this ripple is:
Where D is the duty cycle. The equation reaches its maximum value with D = 0.5. The losses in worst case are:
4.9 Compensation Network Design
The control loop is a voltage mode (figure 10). The output voltage is regulated to the input Reference voltage
level (EAREF). The error amplifier output VCOMP is then compared with the oscillator triangular wave to provide
a pulse-width modulated (PWM) wave with an amplitude of VIN at the PHASE node. This wave is filtered by the
output filter. The modulator transfer function is the small-signal transfer function of VOUT/VCOMP. This function
has a double pole at frequency FLC depending on the L-Cout resonance and a zero at FESR depending on the
output capacitor ESR. The DC Gain of the modulator is simply the input voltage VIN divided by the peak-to-peak
oscillator voltage
∆VOSC.
t
application
LI
∆
⋅
V
IN
V
OUT
–
------------------------------
t
removal
LI
∆
⋅
V
OUT
---------------
==
V
OUT
∆
I
OUT
∆
ESR
⋅
=
V
OUT
∆
I
OUT
2
∆
L
⋅
2C
OUT
V
INMIN
D
MAX
V
OUT
–
⋅
()
⋅⋅
---------------------------------------------------------------------------------------------
=
I
rms
I
OUT
D1
D
–
()
⋅
=
P
ESR I
rms
2
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com