전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6911E 데이터시트(PDF) 15 Page - STMicroelectronics

부품명 L6911E
상세설명  5-Bit programmable step down controller with synchronous rectification
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6911E 데이터시트(HTML) 15 Page - STMicroelectronics

Back Button L6911E_07 Datasheet HTML 11Page - STMicroelectronics L6911E_07 Datasheet HTML 12Page - STMicroelectronics L6911E_07 Datasheet HTML 13Page - STMicroelectronics L6911E_07 Datasheet HTML 14Page - STMicroelectronics L6911E_07 Datasheet HTML 15Page - STMicroelectronics L6911E_07 Datasheet HTML 16Page - STMicroelectronics L6911E_07 Datasheet HTML 17Page - STMicroelectronics L6911E_07 Datasheet HTML 18Page - STMicroelectronics L6911E_07 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
L6911E
Device description
15/34
5.5
Monitor and protection
The output voltage is monitored by means of pin 1 (VSEN). If it is not within ±10% (typ.) of
the programmed value, the powergood output is forced low.
The device provides overvoltage protection, when the output voltage reaches a value 17%
(typ.) greater than the nominal one. If the output voltage exceed this threshold, the OVP pin
is forced high (5V) and the lower driver is turned on as long as the over-voltage is detected.
The OVP pin is capable to deliver up to 60mA (min) in order to trigger an external SCR
connected to burn the input fuse. The low-side mosfet turn-on implement this function when
the SCR is not used and helps in keeping the ouput low.
To perform the overcurrent protection the device compares the drop across the high side
MOS, due to its
RDSON, with the voltage across the external resistor (ROCS) connected between the
OCSET pin and drain of the upper MOS. Thus the overcurrent threshold (IP) can be
calculated with the following relationship:
Equation 4
where the typical value of IOCS is 200µA.
To calculate the ROCS value it must be considered the maximum RDSON (also the variation
with temperature) and the minimum value of IOCS. To avoid undesirable trigger of
overcurrent protection this relationship must be satisfied:
Equation 5
where
∆I is the inductance ripple current and I
OUTMAX is the maximum output current.
In case of output short circuit the soft start capacitor is discharged with constant current
(10
µA typ.) and when the SS pin reaches 0.5V the soft start phase is restarted. During the
soft start the over-current protection is always active and if such kind of event occours, the
device turns off both mosfets, and the SS capacitor is dicharged again after reaching the
upper threshold of about 4V. The system is now working in HICCUP mode, as shown in
Figure 7 on page 16 a. After removing the cause of the over-current, the device restart
working normally without power supplies turn off and on.
I
P
I
OCS
R
OCS
R
DSON
--------------------------------
=
I
P
I
OUTMAX
∆l
2
-----
+
I
PEAK
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com