| 전자부품 데이터시트 검색엔진 |
|
TDA7403 데이터시트(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7403 데이터시트(HTML) 19 Page - STMicroelectronics |
|
19 / 25 page ![]() Mute, Beep and Mixing MSB LSB MUTE/BEEP/MIXING D7 D6 D5 D4 D3 D2 D1 D0 0 1 0 0 1 1 0 1 0 1 0 1 Mute Enable Softmute Disable Softmute Mute time =0.48 ms Mute time =0.96 ms Mute time =40.4 ms Mute time =324 ms Stereo Decoder Softmute Influence = off Stereo Decoder Softmute Influence = on 1 1 1 1 Must be "1" Note: for more information to the Stereodecoder-Softmute-Influence please refer to the stereodecoder description. Volume MSB LSB ATTENUATION D7 D6 D5 D4 D3 D2 D1 D0 0 0 : 0 0 0 : 0 0 0 : 1 1 0 0 : 0 0 0 : 0 1 1 : 1 1 0 0 : 0 0 0 : 1 0 0 : 0 0 0 0 : 1 1 1 : 1 0 0 : 1 1 0 0 : 1 1 1 : 1 0 0 : 1 1 0 0 : 0 0 1 : 1 0 0 : 1 1 0 1 : 0 1 0 : 1 0 1 : 0 1 Gain/Attenuation +32dB +31dB : +20dB +19dB +18dB : +1dB 0dB - 1dB : -78dB -79dB 0 1 Softstep Softstep Volume = off Softstep Volume = on Note: It is not recommended to use a gain more than 20dB for system performance reason. In general, the max. gain should be limited by software to the maximum value, which is needed for the system. TDA7403 19/25 |