전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STB20NM60T4 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 STB20NM60T4
상세설명  N-CHANNEL 600V - 0.25ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB20NM60T4 데이터시트(HTML) 5 Page - STMicroelectronics

  STB20NM60T4 Datasheet HTML 1Page - STMicroelectronics STB20NM60T4 Datasheet HTML 2Page - STMicroelectronics STB20NM60T4 Datasheet HTML 3Page - STMicroelectronics STB20NM60T4 Datasheet HTML 4Page - STMicroelectronics STB20NM60T4 Datasheet HTML 5Page - STMicroelectronics STB20NM60T4 Datasheet HTML 6Page - STMicroelectronics STB20NM60T4 Datasheet HTML 7Page - STMicroelectronics STB20NM60T4 Datasheet HTML 8Page - STMicroelectronics STB20NM60T4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5/15
STP20NM60 - STP20NM60FP - STB20NM60 - STW20NM60 - STB20NM60-1
Figure 9: Output Characteristics
Figure 10: Transconductance
Figure 11: Transfer Characteristics
Figure 12: Gate Charge vs Gate-source Voltage
Figure 13: Normalized Gate Threshold Voltage
vs Temp.
Figure 14: Static Drain-source On Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15