전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M48T35Y-70MH6F 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 M48T35Y-70MH6F
상세설명  5V, 256 Kbit (32 Kb x 8) TIMEKEEPER SRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T35Y-70MH6F 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button M48T35Y-70MH6F Datasheet HTML 5Page - STMicroelectronics M48T35Y-70MH6F Datasheet HTML 6Page - STMicroelectronics M48T35Y-70MH6F Datasheet HTML 7Page - STMicroelectronics M48T35Y-70MH6F Datasheet HTML 8Page - STMicroelectronics M48T35Y-70MH6F Datasheet HTML 9Page - STMicroelectronics M48T35Y-70MH6F Datasheet HTML 10Page - STMicroelectronics M48T35Y-70MH6F Datasheet HTML 11Page - STMicroelectronics M48T35Y-70MH6F Datasheet HTML 12Page - STMicroelectronics M48T35Y-70MH6F Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
M48T35 M48T35Y
Operation modes
9/29
If the Address Inputs are changed while E and G remain active, output data will remain valid
for Output Data Hold time (tAXQX) but will go indeterminate until the next Address Access.
Figure 5.
Read mode AC waveforms
Note:
WRITE Enable (W) = High.
Table 3.
Read mode AC characteristics
2.2
Write mode
The M48T35/Y is in the WRITE Mode whenever W and E are low. The start of a WRITE is
referenced from the latter occurring falling edge of W or E. A WRITE is terminated by the
earlier rising edge of W or E. The addresses must be held valid throughout the cycle. E or W
must return high for a minimum of tEHAX from Chip Enable or tWHAX from WRITE Enable
prior to the initiation of another READ or WRITE Cycle. Data-in must be valid tDVWH prior to
the end of WRITE and remain valid for tWHDX afterward. G should be kept high during
Symbol
Parameter(1)
1.
Valid for Ambient Operating Temperature: TA = 0 to 70 or –40 to 85°C; VCC = 4.75 to 5.5V or 4.5 to 5.5V (except where
noted).
M48T35/Y
Unit
Min
Max
tAVAV
READ Cycle Time
70
ns
tAVQV
Address Valid to Output Valid
70
ns
tELQV
Chip Enable Low to Output Valid
70
ns
tGLQV
Output Enable Low to Output Valid
35
ns
tELQX
(2)
2.
CL = 5pF.
Chip Enable Low to Output Transition
5
ns
tGLQX
(2)
Output Enable Low to Output Transition
5
ns
tEHQZ
(2)
Chip Enable High to Output Hi-Z
25
ns
tGHQZ
(2)
Output Enable High to Output Hi-Z
25
ns
tAXQX
Address Transition to Output Transition
10
ns
AI00925
tAVAV
tAVQV
tAXQX
tELQV
tELQX
tEHQZ
tGLQV
tGLQX
tGHQZ
VALID
A0-A14
E
G
DQ0-DQ7
VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29