| 전자부품 데이터시트 검색엔진 |
|
TDA7501 데이터시트(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7501 데이터시트(HTML) 19 Page - STMicroelectronics |
|
19 / 29 page ![]() TDA7501 Software specification for both modes 19/29 9 Software specification for both modes 9.1 Auto increment If bit I in the subaddress byte is set to "1", the autoincrement of the subaddress is enabled. 9.2 Reset condition A Power-On-Reset is invoked if the Supply-Voltage V dd is below than 3.5V. After POR the following data is written automatically into the registers of all subaddresses : The programming after POR is marked bold-face in the programming tables. With this programming all the outputs are muted to their corresponding reference voltages. 9.3 Programming modes MSB LSB 11 111 11 0 Table 6. Subaddresses MSB LSB Name D7 D6 I D4 SA3 SA2 SA1 SA0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 Input selector 1L Input selector 1R Input selector 2L Input selector 2R Phone/Navigation Mode Select Configuration Output selector Volume 1L Volume 1R Volume 2L Volume 2R Volume 3L Volume 3R FM-level reserved 0 1 Autoincrement mode off Autoincrement mode on 0 0 0 must be "0” |